Part Number Hot Search : 
RF2365 M62320FP NTE2318 HER205 H11B2X L78S09 04597 S25S20PT
Product Description
Full Text Search
 

To Download GP10W0102639 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Incremental encoders
Shaft with clamping or synchro flange, PTB approved Resolution 50 or 500 pulses
GPI0W
Features - Encoder with shaft o10 mm or o6 mm - PTB approved - Clamping flange or synchro flange - High rotation speed max.10000 rpm - Compact design - High resistance to shock and vibrations
GPI0W with clamping flange Technical data - electrical ratings Voltage supply Consumption w/o load Resolution (steps/turn) Reference signal Sensing method Output frequency Output signals Output circuit Interference immunity Emitted interference Approval 10...30 VDC 30 mA (24 VDC) 50...500 Zero pulse, width 90 Optical 150 kHz A 90 B + N Push-pull short-circuit proof DIN EN 61000-6-2 DIN EN 61000-6-4 UL approval / E63076 Reverse polarity protection Yes Technical data - mechanical design Housing Shaft Flange Protection DIN EN 60529 Operating speed Starting torque Rotor moment of inertia Admitted shaft load Materials Operating temperature Relative humidity Resistance o58 mm o6 mm (synchro flange) o10 mm (clamping flange) Clamping or synchro flange IP 54 10000 rpm 0.015 Nm IP 54 14.5 gcm 20 N axial 40 N radial Housing: aluminium Flange: aluminium -25...+85 C 95 % non-condensing
Subject to modification in technic and design. Errors and omissions excepted. 30/10/2008
DIN EN 60068-2-6 Vibration 10 g, 16-2000 Hz DIN EN 60068-2-27 Shock 200 g, 6 ms 250 g Cable
Weight approx. E-connection
Output signals Clockwise rotating direction when looking at flange.
Track A
Track B 90
Zero pulse
1
www.baumerivo.com
Shaft with clamping or synchro flange, PTB approved Resolution 50 or 500 pulses
Incremental encoders
GPI0W
Part number GPI0W. 10 See part number (pulses) 12 14 16 22 24 26 E-connection Cable 2 m, axial Cable 5 m, axial Cable 10 m, axial Cable 2 m, radial Cable 5 m radial Cable 10 m, radial Accessories Mounting accessories (page %S) Z 119.006 Z 119.013 Z 119.015 Z 119.017 Z 119.025 Z 119.035 Eccentric fixing, single Adaptor plate for clamping flange for modification into synchro flange Mounting adaptor for synchro flange Mounting angle for clamping flange Adaptor plate for clamping flange, mounting by eccentric fixings (order separately) Bearing flange for encoders with synchro flange
Voltage supply / signals 10 10...30 VDC / push-pull Flange / Shaft 0 Clamping flange, mounting M3 / o10 mm 1 Clamping flange, mounting M4 / o10 mm 5 Synchro flange, mounting M4 / o6 mm Part number (pulses) 39 (50) 15 (500)
Terminal assignment Core colour Assignment green blue beige black brown Trigger level Outputs Output level High Output level Low Load High Load Low Push-pull circuit-proof >UB -3 V (I = -20 mA) <0.5 V (I = 20 mA) <20 mA <20 mA Track N (zero pulse) Track A Track B GND (0 V) UB
Example: ordering key 15 = 500 pulses.
Dimensions
Clamping flange o10 h8 M3 x 5 120 15 16 35 10 20 15 Sychro flange M4 x 7 120
15
16
41
4
10 9
5.5
36f8 48 0.1 58 35 10 20 15 o10h8
420.1 50h7 58
3 41 4
3 10 9
5.5
16
3 13
3
2
www.baumerivo.com
30/10/2008
13
Subject to modification in technic and design. Errors and omissions excepted.
9
9
o6f8
o6f8


▲Up To Search▲   

 
Price & Availability of GP10W0102639

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X